Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6601
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6601 Datasheet HTML 1Page - Renesas Technology Corp HIP6601 Datasheet HTML 2Page - Renesas Technology Corp HIP6601 Datasheet HTML 3Page - Renesas Technology Corp HIP6601 Datasheet HTML 4Page - Renesas Technology Corp HIP6601 Datasheet HTML 5Page - Renesas Technology Corp HIP6601 Datasheet HTML 6Page - Renesas Technology Corp HIP6601 Datasheet HTML 7Page - Renesas Technology Corp HIP6601 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FN4819.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HIP6601, HIP6603
Synchronous-Rectified Buck MOSFET
Drivers
The HIP6601 and HIP6603 are high frequency, dual
MOSFET drivers specifically designed to drive two power
N-Channel MOSFETs in a synchronous-rectified buck
converter topology. These drivers combined with a HIP630x
Multi-Phase Buck PWM controller and Intersil UltraFETs™
form a complete core-voltage regulator solution for
advanced microprocessors.
The HIP6601 drives the lower gate in a synchronous-rectifier
bridge to 12V, while the upper gate can be independently
driven over a range from 5V to 12V. The HIP6603 drives
both upper and lower gates over a range of 5V to 12V. This
drive-voltage flexibility provides the advantage of optimizing
applications involving trade-offs between switching losses
and conduction losses.
The output drivers in the HIP6601 and HIP6603 have the
capacity to efficiently switch power MOSFETs at frequencies
up to 2MHz. Each driver is capable of driving a 3000pF load
with a 30ns propagation delay and 50ns transition time. Both
products implement bootstrapping on the upper gate with
only an external capacitor required. This reduces
implementation complexity and allows the use of higher
performance, cost effective, N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Device
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 8 Lead SOIC Package
• Dual Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Bridge Shutdown
• Supply Under Voltage Protection
Applications
• Core Voltage Supplies for Intel Pentium® III, AMD®
Athlon™ Microprocessors
• High Frequency Low Profile DC-DC Converters
• High Current Low Voltage DC-DC Converters
Pinout
HIP6601CB/HIP6603CB
(SOIC)
TOP VIEW
Block Diagram
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HIP6601CB
0 to 85
8 Ld SOIC
M8.15
HIP6603CB
0 to 85
8 Ld SOIC
M8.15
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
PVCC
VCC
PWM
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
† VCC FOR HIP6601
†
PVCC FOR HIP6603
Data Sheet
August 2004
OBS
OLET
E PR
ODU
CT
RECO
MME
NDED
REPLA
CEM
ENT
PRO
DUC
T
HIP66
01B,
HIP66
03B


Similar Part No. - HIP6601

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601 INTERSIL-HIP6601 Datasheet
234Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
August 2004
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Renesas Technology Corp
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Intersil Corporation
HIP6601ACB INTERSIL-HIP6601ACB Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6601

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com