Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844256D Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS844256D
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844256D Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS844256D Datasheet HTML 9Page - Renesas Technology Corp ICS844256D Datasheet HTML 10Page - Renesas Technology Corp ICS844256D Datasheet HTML 11Page - Renesas Technology Corp ICS844256D Datasheet HTML 12Page - Renesas Technology Corp ICS844256D Datasheet HTML 13Page - Renesas Technology Corp ICS844256D Datasheet HTML 14Page - Renesas Technology Corp ICS844256D Datasheet HTML 15Page - Renesas Technology Corp ICS844256D Datasheet HTML 16Page - Renesas Technology Corp ICS844256D Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS844256DG REVISION A AUGUST 5, 2010
13
©2010 Integrated Device Technology, Inc.
ICS844256D Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
Schematic Example
Figure 6 shows an example of ICS844256D application schematic. In
this example, the device is operated at VDD = VDDO = 3.3V. The 18pF
parallel resonant 25MHz crystal is used. The C1 and C2 = 27pF are
recommended for frequency accuracy. For different board layouts,
the C1 and C2 may be slightly adjusted for optimizing frequency
accuracy. Two examples of LVDS for receiver without built-in
termination are shown in this schematic.
Figure 6. ICS844256D Schematic Layout
VDD
VDDO
RD2
1K
+
-
VDD
R4
50
RD1
Not Install
C7
0.01uF
VDD
N_SEL0
Q2
1 8 p F
C8
0.1uF
Q0
Zo = 50 Ohm
Alternate
LVDS
Termination
R2
10
nQ4
R1
100
VDDA
FB_SEL
C5
0.01uF
Zo = 50 Ohm
PLL_BYPASS
Zo = 50 Ohm
To Logic
Input
pins
nQ5
C4
0.01u
RU1
1K
nQ2
VDD= VDDO=3.3V
Set Logic
Input to
'1'
Set Logic
Input to
'0'
VDDO
nQ1
C1
27pF
N_SEL1
RU2
Not Install
Q3
X1
25MHz
nQ3
C2
27pF
VDD
VDD
Q1
C3
10uF
C6
0.01uF
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDDO
VDDO
nQ2
Q2
nQ1
Q1
nQ0
Q0
PLL_BYPASS
VDDA
VDD
FB_SEL
XTAL_IN
XTAL_OUT
N_SEL0
GND
GND
N_SEL1
nQ5
Q5
nQ4
Q4
nQ3
Q3
+
-
Zo = 50 Ohm
Q4
To Logic
Input
pins
Q5
nQ0
R3
50
Logic Control Input Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com