Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC908JB16AD/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HC908JB16AD/D
Description  Addendum to MC68HC908JB16 Technical Data
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC908JB16AD/D Datasheet(HTML) 2 Page - NXP Semiconductors

  HC908JB16AD/D Datasheet HTML 1Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 2Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 3Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 4Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 5Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 6Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 7Page - NXP Semiconductors HC908JB16AD/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Addendum to MC68HC908JB16 Technical Data, Rev. 1
MC68HC908JB16
Freescale Semiconductor
2
Output Low Voltage
Page 318, entry for maximum VOL has been updated.
From:
To:
20-Pin SOIC
Order Number: MC68HC908JB16JDW
Figure 1. 20-Pin SOIC Pin Assignment
Characteristic
Symbol
Min
Typ
Max
Unit
Output low voltage
(ILoad = 25 mA) PTD0–PTD1 in ILDD mode
VOL
——
0.5
V
Output low voltage
(ILoad = 45 mA) PTD0/1 in ILDD mode
VOL
——
0.5
V
1
2
3
4
5
6
7
20
19
18
17
16
15
14
13
12
11
8
9
10
OSC1
PTA0/KBA0
RST
PTA1/KBA1
PTA2/KBA2
PTA3/KBA3
PTA4/KBA4
PTA5/KBA5
PTA6/KBA6
PTA7/KBA7
IRQ
OSC2
VREG
VDD
PTD0/1
PTE1/T1CH01
PTE3/D+
PTE4/D–
PTC0/TxD
VSS
Internal pads are unconnected.
PTD0/1 pin: PTD0 and PTD1 internal pads are bonded together to PTD0/1 pin.
PTD0/1 has a 45 mA sink capability when configured as an output.
Pin direction must be configured such that DDRD0 = DDRD1.
Pins not available on 20-pin package:
PTC1/RxD
PTE0/TCLK
PTD2
PTE2/T2CH01
PTD3
CGMXFC1
CGMXFC2
PTD4
CGMOUT1
CGMOUT2
PTD5
VREGA0
VREGA1
VSSA0
VSSA1
VDDA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com