Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTB/AF Datasheet(PDF) 27 Page - NXP Semiconductors

Part # HTMS1301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 30Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
27 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.7 WRITE SINGLE BLOCK
Upon reception of this command without error, the transponder IC writes 32-bit of data into
the requested user memory block and report the success of the operation in the response.
Error Flag set to ’0’ indicates no error.
Table 23.
WRITE SINGLE BLOCK - request format (14h)
Flags
Command Data 1
Data 2
Data 3
CRC-16
Description
5
6
(48)
8
32
(16)
No. of bits
00(1)00
010100
-
block number block data
without UII
in READY
state
10(1)00
010100
UII
block number block data
with UII
01(1)00
010100
-
block number block data
without UII
in
SELECTED
state
Table 24.
Response to a successful WRITE SINGLE BLOCK request
Error Flag
CRC-16
Description
1
(16)
No. of bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com