Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTK/AF Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HTMS8301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTK/AF Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HTMS8301FTK/AF Datasheet HTML 9Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 10Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 11Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 12Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 13Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 14Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 15Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 16Page - NXP Semiconductors HTMS8301FTK/AF Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
13 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
10.2.2 Start of frame pattern
The HITAG µ ISO 18000 transponder IC response always starts with a SOF pattern. The
SOF is a Manchester encoded bit sequence of ’110’.
10.2.3 End of frame pattern
A specific EOF pattern is neither used nor specified for the HITAG µ ISO 18000
transponder IC response. An EOF is detected by the RWD if there is no load modulation
for more than two data bit periods (TFd).
Fig 8.
Start of fame pattern
001aaj832
TFd
TFd
TFd
load off
data "1"
data "1"
data "0"
load on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com