Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002AX-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N7002AX-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002AX-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002AX-13 Datasheet HTML 1Page - Diodes Incorporated 2N7002AX-13 Datasheet HTML 2Page - Diodes Incorporated 2N7002AX-13 Datasheet HTML 3Page - Diodes Incorporated 2N7002AX-13 Datasheet HTML 4Page - Diodes Incorporated 2N7002AX-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N7002AX
Document number: DS36549 Rev. 3 - 3
1 of 5
www.diodes.com
January 2015
© Diodes Incorporated
2N7002AX
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
6Ω @ VGS = 5V
115mA
Description
This MOSFET has been designed to minimize the on-state
resistance
(RDS(ON)) and
yet
maintain
superior
switching
performance, making it ideal for high efficiency power management
applications.
Applications
•
Motor Control
•
Power Management Functions
Features and Benefits
•
N-Channel MOSFET
•
Low On-Resistance
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
ESD Protected up to 1kV
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
2N7002AX-7
SOT23
3,000/Tape & Reel
2N7002AX-13
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT23
Top View
Equivalent Circuit
Top View
Pin-Out
D
G
S
7A= Product Type Marking Code
YM = Date Code Marking for SAT (Shanghai Assembly/ Test site)
= Date Code Marking for CAT (Chengdu Assembly/ Test site)
Y or
= Year (ex: A = 2013)
M = Month (ex: 9 = September)
e3
ESD PROTECTED
Chengdu A/T Site
Shanghai A/T Site
Y
YM
7A
7A
NOT RECOMMENDED FOR NEW
DESIGN USE DMN65D8L


Similar Part No. - 2N7002AX-13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7002A KEC-2N7002A Datasheet
561Kb / 4P
N CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Diodes Incorporated
2N7002A DIODES-2N7002A Datasheet
154Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31360 Rev. 4 - 2
logo
KEC(Korea Electronics)
2N7002A KEC-2N7002A Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A Datasheet
819Kb / 4P
N CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Yangzhou yangjie electr...
2N7002A YANGJIE-2N7002A Datasheet
603Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002AX-13

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com