Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3402MM Datasheet HTML 1Page - National Semiconductor (TI) LM3402MM Datasheet HTML 2Page - National Semiconductor (TI) LM3402MM Datasheet HTML 3Page - National Semiconductor (TI) LM3402MM Datasheet HTML 4Page - National Semiconductor (TI) LM3402MM Datasheet HTML 5Page - National Semiconductor (TI) LM3402MM Datasheet HTML 6Page - National Semiconductor (TI) LM3402MM Datasheet HTML 7Page - National Semiconductor (TI) LM3402MM Datasheet HTML 8Page - National Semiconductor (TI) LM3402MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics V
IN = 24V unless otherwise indicated. Typicals and limits appearing in plain type
apply for T
A =TJ = +25˚C. (Note 4) Limits appearing in boldface type apply over full Operating Temperature Range.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. (Continued)
LM3402/LM3402HV (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
N-MOSFET AND DRIVER
R
DS-ON
Buck Switch On Resistance
I
SW = 200mA, BOOT-SW = 6.3V
0.7
1.5
Ω
V
DR-UVLO
BOOT Under-voltage
Lock-out Threshold
BOOT–SW Increasing
1.7
3
4
V
V
DR-HYS
BOOT Under-voltage
Lock-out Hysteresis
BOOT–SW Decreasing
400
mV
THERMAL SHUTDOWN
T
SD
Thermal Shutdown Threshold
165
˚C
T
SD-HYS
Thermal Shutdown
Hysteresis
25
˚C
THERMAL RESISTANCE
θ
JA
Junction to Ambient
MUA Package
200
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 3: VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Note 4: Typical specifications represent the most likely parametric norm at 25˚C operation.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com