Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD451DPLR Datasheet(PDF) 3 Page - Texas Instruments

Part # PESD451DPLR
Description  ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PESD451DPLR Datasheet(HTML) 3 Page - Texas Instruments

  PESD451DPLR Datasheet HTML 1Page - Texas Instruments PESD451DPLR Datasheet HTML 2Page - Texas Instruments PESD451DPLR Datasheet HTML 3Page - Texas Instruments PESD451DPLR Datasheet HTML 4Page - Texas Instruments PESD451DPLR Datasheet HTML 5Page - Texas Instruments PESD451DPLR Datasheet HTML 6Page - Texas Instruments PESD451DPLR Datasheet HTML 7Page - Texas Instruments PESD451DPLR Datasheet HTML 8Page - Texas Instruments PESD451DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5 Pin Configuration and Functions
1
2
Figure 5-1. DPL Package, 2-Pin X2SON (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IO
1
I/O
ESD Protected Channel. If used as ESD IO, connect pin 2 to ground
IO
2
I/O
ESD Protected Channel. If used as ESD IO, connect pin 1 to ground
(1)
I = input, O = output
www.ti.com
ESD451
SLVSH27 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ESD451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com