Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA992 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments OPA992 Datasheet HTML 19Page - Texas Instruments OPA992 Datasheet HTML 20Page - Texas Instruments OPA992 Datasheet HTML 21Page - Texas Instruments OPA992 Datasheet HTML 22Page - Texas Instruments OPA992 Datasheet HTML 23Page - Texas Instruments OPA992 Datasheet HTML 24Page - Texas Instruments OPA992 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
7.3.3 Thermal Protection
The internal power dissipation of any amplifier causes the internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the OPAx992-Q1 is 150°C.
Exceeding this temperature causes damage to the device. The OPAx992-Q1 has a thermal protection feature
that reduces damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 170°C. Figure 7-4 shows an application example for
the OPA2992-Q1 that has significant self heating because of the power dissipation (0.954 W). In this example,
both channels have a quiescent power dissipation while one of the channels has a significant load. Thermal
calculations indicate that for an ambient temperature of 55°C, the device junction temperature reaches 180°C.
The actual device, however, turns off the output drive to recover towards a safe junction temperature. Figure 7-4
shows how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so
the output is 3 V. When self heating causes the device junction temperature to increase above the internal limit,
the thermal protection forces the output to a high-impedance state and the output is pulled to ground through
resistor RL. If the condition that caused excessive power dissipation is not removed, then the amplifier oscillates
between a shutdown and enabled state until the output fault is corrected. Please note that thermal performance
can vary greatly depending on the package selected and the PCB layout design. This example uses the thermal
performance of the SOIC (8) package.
170ºC
3 V
0 V
30 V
RL
100
VIN
3 V
+
3 V
–
I
OUT = 30 mA
OPA2992-Q1
One channel has load
Consider IQ of two channels
TA = 55°C
PD = 0.954W
JA = 131°C/W
TJ = 131°C/W × 0.954W + 55°C
TJ = 180°C (expected)
+
–
Figure 7-4. Thermal Protection
7.3.4 Capacitive Load and Stability
The OPAx992-Q1 features an output stage capable of driving moderate capacitive loads, and by leveraging
an isolation resistor, the device can easily be configured to drive larger capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 7-5 and Figure 7-6. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier are stable in operation.
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D030
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
Figure 7-5. Small-Signal Overshoot vs Capacitive
Load (20-mVpp Output Step, G = +1)
Capacitive Load (pF)
0
80
160
240
320
400
480
560
0
10
20
30
40
50
60
70
D029
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
Figure 7-6. Small-Signal Overshoot vs Capacitive
Load (20-mVpp Output Step, G = -1)
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9D – AUGUST 2022 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com