Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6201 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX6201
Description  TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6201 Datasheet HTML 17Page - Texas Instruments TMUX6201 Datasheet HTML 18Page - Texas Instruments TMUX6201 Datasheet HTML 19Page - Texas Instruments TMUX6201 Datasheet HTML 20Page - Texas Instruments TMUX6201 Datasheet HTML 21Page - Texas Instruments TMUX6201 Datasheet HTML 22Page - Texas Instruments TMUX6201 Datasheet HTML 23Page - Texas Instruments TMUX6201 Datasheet HTML 24Page - Texas Instruments TMUX6201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
8.3 On-Leakage Current
Source On-Leakage current is defined as the leakage current flowing into or out of the source pin when the
switch is on. This current is denoted by the symbol IS(ON).
Drain On-Leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 8-3 shows the circuit used for
measuring the On-Leakage current, denoted by IS(ON) or ID(ON).
S
GND
VS
D
A
Is (ON)
VDD
VSS
IS(ON)
N.C.
S
GND
VD
D
A
ID (ON)
VDD
VSS
ID(ON)
N.C.
Figure 8-3. On-Leakage Measurement Setup
8.4 tON and tOFF Time
Turn-on time is defined as the time taken by the output of the device to rise to 90% after the enable has risen
past the logic threshold. The 90% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 8-4
shows the setup used to measure Turn-On time, denoted by the symbol tON.
Turn-off time is defined as the time taken by the output of the device to fall to 10% after the enable has fallen
past the logic threshold. The 10% measurement is utilized to provide the timing of the device. System level
timing can then account for the time constant added from the load resistance and load capacitance. Figure 8-4
shows the setup used to measure Turn-Off time, denoted by the symbol tOFF.
3 V
VSEL
0 V
50%
50%
tON
tOFF
10%
90%
Output
tr < 20 ns
tf < 20 ns
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S
GND
D
SEL
Output
0 V
VSEL
VS
Figure 8-4. Turn-On and Turn-Off Time Measurement Setup
www.ti.com
TMUX6201, TMUX6202
SCDS450A – NOVEMBER 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6201 TMUX6202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com