Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6260 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6260
Description  Multiphase Core Regulator for IMVP-6 Mobile CPUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6260 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6260 Datasheet HTML 17Page - Renesas Technology Corp ISL6260 Datasheet HTML 18Page - Renesas Technology Corp ISL6260 Datasheet HTML 19Page - Renesas Technology Corp ISL6260 Datasheet HTML 20Page - Renesas Technology Corp ISL6260 Datasheet HTML 21Page - Renesas Technology Corp ISL6260 Datasheet HTML 22Page - Renesas Technology Corp ISL6260 Datasheet HTML 23Page - Renesas Technology Corp ISL6260 Datasheet HTML 24Page - Renesas Technology Corp ISL6260 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
FN9162.1
January 3, 2006
Static Mode of Operation - Static Droop using DCR
Sensing
As previously mentioned, the ISL6260 and ISL6260B have
an internal differential amplifier which provides for extremely
accurate voltage regulation at the die of the processor. The
load line regulation is also very accurate, and the process of
selecting the components for the appropriate load line droop
is explained here.
For DCR sensing, the process of compensation for DCR
resistance variation to achieve the desired load line droop
has several steps and is somewhat iterative. Refer to
Figure 42.
In Figure 42 we show a 3 phase solution using DCR
sensing. There are two resistors around the inductor of each
phase. These are labeled RS and RO. These resistors are
used to arrive at the DC voltage drop across each inductor.
Each inductor will have a certain level of DC current flowing
through it, this current when multiplied by the DCR of the
inductor creates a small DC level of voltage. When this
voltage is summed with the other channels DC voltages, the
total DC load current can be derived.
RO is typically 5 to 10
Ω. This resistor is used to tie the
outputs of all channels together and thus create a summed
average of the local CORE voltage output. RS is determined
through an understanding of both the DC and transient load
currents. This value will be covered in the next section.
However, it is important to keep in mind that the output of
each of these RS resistors are tied together to create the
VSUM voltage node. With both the outputs of RO and RS
tied together, the simplified model for the droop circuit can
be derived. This is presented in Figure 43.
Figure 43 shows the simplified model of the droop circuitry.
Essentially one resistor can replace the RO resistors of each
phase and one RS resistor can replace the RS resistors of
each phase. The total DCR drop due to load current can be
replaced by a DC source, the value of which is given by
Equation 5.
where N is the number of channels designed for Active
operation. N = 3 for this example. Another simplification can
be done by reducing the NTC network comprised of Rntc,
Rseries and Rparallel, given in Figure 43, to a single resistor
given as Rn.
The first step in droop load line compensation is to adjust
Rn, ROEQV and RSEQV such that sufficient droop voltage
exists even at light loads between the VSUM and VO’ nodes.
We recognize that these components form a voltage divider.
As a rule of thumb we start with the voltage drop across the
Rn network, VN, to be 0.57 x Vdcr. This ratio provides for a
fairly reasonable amount of light load signal from which to
arrive at droop.
First we calculate the equivalent NTC network resistance,
Rn. Typical values that provide good performance are,
Rseries = 3.57K_1%, Rpar = 4.53K_1% and Rntc = 10k
Ω
NTC, ERT-J1VR103J from Panasonic. Rn is then given by
Equation 6.
In our second step we calculate the series resistance from
each phase to the Vsum node, labeled RS1, RS2 and RS3
in Figure 42.
FIGURE 42. EQUIVALENT MODEL FOR DROOP AND DIE SENSING USING DCR SENSING
C
bulk
ESR
VSU M
VSU M
VSU M
VO '
VO '
VO '
Vo u t
I
p h ase1
I
pha se 2
I
phas e 3
RS1
RS2
RS 3
RO 3
RO 2
RO1
In te r n a l to
IS L 6 2 6 0
1
+
-
RT N
VSU M
DF B
VO '
VD IF F
VSE N
OC
+
-
OC S E T
1
+
-
+
+
D R OOP
10 u A
Σ
DROO P
+
-
VO '
VO '
R
OCS E T
VS UM
IS EN 1
ISEN 2
ISEN 3
ISEN 3
IS E N 2
IS E N 1
V dcr
1
L
1
DC R
+
-
V dcr
2
L
2
DC R
+
-
Vd c r
3
L
3
DC R
+
-
ISEN 3
R
L3
C
L3
ISEN 2
R
L2
C
L2
ISEN 1
R
L1
C
L1
V C C_ SE NSE
VSS _ S EN S E
10
0.01 u F
0.22 u F
To P r oc es sor
S o c k e t K e lv in
Co n n e c tio n s
Ro p n 1
Ro p n 2
to V o u t
Vdcr
EQV
Iout
DCR
×
N
-------------------------------
=
(EQ. 5)
Rn
Rseries
Rntc
+
() Rpar
×
Rseries
Rntc
Rpar
++
--------------------------------------------------------------------
3.4k
Ω
==
(EQ. 6)
ISL6260, ISL6260B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com