Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6602ACB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6602ACB
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602ACB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6602ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HIP6602A
FN4902 Rev 2.00
Page 2 of 10
July 2003
Block Diagram
Typical Application - 2 Channel Converter Using a HIP6302 and a HIP6602A Gate Driver
VCC
PWM1
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PGND
PWM2
10K
10K
SHOOT-
THROUGH
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
+5V
GND
PVCC
PVCC
PVCC
PVCC
PGND
PGND
HIP6602A
PAD
package MUST be soldered to the PC board
For HIP6602ACR, the PAD on the bottom side of the
MAIN
CONTROL
HIP6302
FB
+5V
COMP
PWM1
PWM2
ISEN2
VSEN
FS/DIS
ISEN1
GND
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
LGATE1
PWM1
PVCC
+5V/12V
VCC
+12V
DUAL
DRIVER
HIP6602A
PGND
VCC
+VCORE
PWM2
PGOOD
VID
+12V
+12V
GND
PHASE1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com