Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP8117 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HMP8117
Description  NTSC/PAL Video Decoder
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMP8117 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HMP8117 Datasheet HTML 17Page - Renesas Technology Corp HMP8117 Datasheet HTML 18Page - Renesas Technology Corp HMP8117 Datasheet HTML 19Page - Renesas Technology Corp HMP8117 Datasheet HTML 20Page - Renesas Technology Corp HMP8117 Datasheet HTML 21Page - Renesas Technology Corp HMP8117 Datasheet HTML 22Page - Renesas Technology Corp HMP8117 Datasheet HTML 23Page - Renesas Technology Corp HMP8117 Datasheet HTML 24Page - Renesas Technology Corp HMP8117 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HMP8117
FN4643 Rev 4.00
Page 21 of 45
July 29, 2009
In order to perform a read from a specific control register
within the HMP8117, an I2C bus write must first be
performed to properly setup the address register. Then an
I2C bus read can be performed to read from the desired
control register(s). As a result of needing the write cycle for a
read cycle there are actually two START conditions as
shown in Figure 19. The address register is then
auto-incremented after each byte read during the I2C read
cycle. Reserved registers return a value of 00H.
FIGURE 17. I2C TIMING DIAGRAM
SDA
SCL
tBUF
tLOW
tHIGH
tR
tF
tSU:DATA
tHD:DATA
tSU:STOP
SDA
SCL
START
CONDITION
S
1-7
ADDRESS
8
R/W
9
ACK
1-7
DATA
89
ACK
STOP
CONDITION
P
FIGURE 18. I2C SERIAL DATA FLOW
S = START CYCLE
P = STOP CYCLE
A = ACKNOWLEDGE
FROM MASTER
FROM HMP8117
0x88
DATA WRITE
DATA
DATA
0x88
DATA READ
NA = NO ACKNOWLEDGE
0x89
1000 1000 (R/W)
1000 1000
FIGURE 19. REGISTER WRITE/READ FLOW
S
CHIP ADDR
A
SUB ADDR
DATA
DATA
P
NA
CHIP ADDR
S
SUB ADDR
CHIP ADDR
S
P
A
A
A
A
A
A
REGISTER
POINTED
TO BY
SUB ADDR
OPTIONAL FRAME
MAY BE REPEATED
n TIMES
A
REGISTER
POINTED
TO BY
SUB ADDR
OPTIONAL FRAME
MAY BE REPEATED
n TIMES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com