Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS07D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PRS07D
Description  Fast soft-recovery rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRS07D Datasheet(HTML) 4 Page - NXP Semiconductors

  PRS07D Datasheet HTML 1Page - NXP Semiconductors PRS07D Datasheet HTML 2Page - NXP Semiconductors PRS07D Datasheet HTML 3Page - NXP Semiconductors PRS07D Datasheet HTML 4Page - NXP Semiconductors PRS07D Datasheet HTML 5Page - NXP Semiconductors PRS07D Datasheet HTML 6Page - NXP Semiconductors PRS07D Datasheet HTML 7Page - NXP Semiconductors PRS07D Datasheet HTML 8Page - NXP Semiconductors PRS07D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9397 750 13204
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 26 July 2004
4 of 9
Philips Semiconductors
PRS07 series
Fast soft-recovery rectifiers
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 0.7 A; Figure 3
Tj =25 °C
-
-
1.2
V
Tj = 150 °C
-
-
1.05
V
IR
reverse current
VR =VRRM; Figure 4
Tj =25 °C
--10
µA
Tj = 125 °C
--50
µA
Dynamic characteristics
Cd
diode capacitance
f = 1 MHz; VR = 4 V
-9
-pF
trr
reverse recovery time
switching from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A; Figure 7
-
-
250
ns
Tj =25 °C.
Tj =25 °C.
Fig 3.
Forward current as a function of forward
voltage; maximum values.
Fig 4.
Reverse current as a function of junction
temperature; maximum values.
003aaa639
0
2
4
6
8
10
0
1
2
3
IF
(A)
VF (V)
Tj = 150 °C
25
°C
10
3
10
2
10
1
0
003aaa622
120
40
80
160
Tj (°C)
IR
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com