Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS07G Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PRS07G
Description  Fast soft-recovery rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRS07G Datasheet(HTML) 5 Page - NXP Semiconductors

  PRS07G Datasheet HTML 1Page - NXP Semiconductors PRS07G Datasheet HTML 2Page - NXP Semiconductors PRS07G Datasheet HTML 3Page - NXP Semiconductors PRS07G Datasheet HTML 4Page - NXP Semiconductors PRS07G Datasheet HTML 5Page - NXP Semiconductors PRS07G Datasheet HTML 6Page - NXP Semiconductors PRS07G Datasheet HTML 7Page - NXP Semiconductors PRS07G Datasheet HTML 8Page - NXP Semiconductors PRS07G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
9397 750 13204
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 26 July 2004
5 of 9
Philips Semiconductors
PRS07 series
Fast soft-recovery rectifiers
f = 1 MHz; Tj =25 °C.
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values.
Fig 6.
Printed-circuit board for surface mounting.
1
003aaa623
10
10
2
10
3
1
10
2
10
VR (V)
Cd
(pF)
msb213
4.5
2.5
1.25
50
50
Dimensions in mm
Tj =25 °C.
Fig 7.
Test circuit and reverse recovery time waveform definition.
10
Ω
1
Ω
50
Ω
25 V
DUT
mam057
+
trr
0.5
0
0.5
1.0
IF
(A)
IR
(A)
t
0.25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com