Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M690SDM-R01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M690SDM-R01
Description  SIGE SINGLE FREQUENCY VCSO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M690SDM-R01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  M690SDM-R01 Datasheet HTML 1Page - Renesas Technology Corp M690SDM-R01 Datasheet HTML 2Page - Renesas Technology Corp M690SDM-R01 Datasheet HTML 3Page - Renesas Technology Corp M690SDM-R01 Datasheet HTML 4Page - Renesas Technology Corp M690SDM-R01 Datasheet HTML 5Page - Renesas Technology Corp M690SDM-R01 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revised 27Jan2012
M690SDM
SIGE SINGLE FREQUENCY VCSO
P e rf or mance Datasheet
GENERAL DESCRIPTION
The M690SDM is a single
frequency/single output
SAW-based VCSO for
low-jitter clock generation.
The M690SDM incorporates
an analog X2 frequency
multiplier to provide an output
frequency that is twice that of the fundamental VCSO
frequency.
FEATURES
◆ Integrated SAW device
◆ Low phase jitter: 250fs rms typical for the M690SDM
(20kHz to 20MHz)
◆ Output frequency: 1747 MHz Typ.
(Specify center frequency at time of order)
◆ Single-ended RF Output
◆ Single +5V power supply
◆ 13 x 20mm SMT (surface mount) package
◆ Pb-free / Compliant to EC RoHS Directive (RoHS 5/6)
PIN ASSIGNMENT (13 x 20mm SMT)
Figure 1: Pin Assignment
BLOCK DIAGRAM
Figure 2: Block Diagram
Sample of Available Output Frequencies
VCSO Center
Frequencies1 (MHz)
Note 1: Specify VCSO center frequency at time of order.
Other frequencies available upon request.
Output Frequency Code
1747.623000
R01
1747.030837
R02
1748.366885
R03
1748.793733
R04
Table 1: Sample of Available Output Frequencies
SAW Delay
Line
M690SDM SiGe Single Frequency VCSO


Similar Part No. - M690SDM-R01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M690SDM-R01 IDT-M690SDM-R01 Datasheet
237Kb / 5P
SIGE SINGLE FREQUENCY VCSO
More results

Similar Description - M690SDM-R01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
Single Frequency VCSO
VS-705 VECTRON-VS-705 Datasheet
261Kb / 9P
Single Frequency VCSO
VS-505 VECTRON-VS-505_10 Datasheet
243Kb / 9P
VS-505 Single Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-705 VECTRON-VS-705_10 Datasheet
243Kb / 9P
Single Frequency VCSO
logo
Integrated Device Techn...
M675S02 IDT-M675S02 Datasheet
249Kb / 5P
SIGE SINGLE FREQUENCY VCSO
M690SDM IDT-M690SDM Datasheet
237Kb / 5P
SIGE SINGLE FREQUENCY VCSO
M692SDM IDT-M692SDM Datasheet
235Kb / 5P
SIGE SINGLE FREQUENCY VCSO
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com