Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5232D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5232D
Description  Matched dual high-performance low-voltage operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE5232D Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5232D Datasheet HTML 1Page - NXP Semiconductors NE5232D Datasheet HTML 2Page - NXP Semiconductors NE5232D Datasheet HTML 3Page - NXP Semiconductors NE5232D Datasheet HTML 4Page - NXP Semiconductors NE5232D Datasheet HTML 5Page - NXP Semiconductors NE5232D Datasheet HTML 6Page - NXP Semiconductors NE5232D Datasheet HTML 7Page - NXP Semiconductors NE5232D Datasheet HTML 8Page - NXP Semiconductors NE5232D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
NE/SA/AU5232
Matched dual high-performance
low-voltage operational amplifier
2
2002 May 21
853–2347 28261
DESCRIPTION
The NE/SA/AU5232 is a matched, low voltage, high performance
dual operational amplifier. Among its unique input and output
characteristics is the capability for both input and output rail-to-rail
operation, particularly critical in low voltage applications. The output
swings to less than 50 mV of both rails across the entire power
supply range. The NE/SA/AU5232 is capable of delivering 5.5 V
peak-to-peak across a 600
Ω load and will typically draw only
700
µA per amplifier. The bandwidth is 2.5 MHz and the 1% settling
time is 1.4
µs.
FEATURES
• Wide common-mode input voltage range: 250 mV beyond both
rails
• Output swing within 50 mV of both rails
• Functionality to 1.8 V typical
• Low current consumption: 700 µA per amplifier
• ±15 mA output current capability
• Unity gain bandwidth: 2.5 MHz
• Slew rate: 0.8 V/µs
• Low noise: 33 nV/√Hz
• Electrostatic discharge protection
• Short-circuit protection
• Output inversion prevention
PIN CONFIGURATION
1
2
3
45
6
7
8
–+
+ –
AB
V+
OUTPUT B
INVERTING INPUT B
NON INVERTING INPUT B
OUTPUT A
INVERTING INPUT A
NON INVERTING INPUT A
V–
D, N Packages
SL01163
Figure 1.
Pin configuration.
APPLICATIONS
• Automotive electronics
• Signal conditioning and sensing amplification
• Portable instrumentation
– Test and measurement
– Medical monitors and diagnostics
– Remote meters
• Audio equipment
• Security systems
• Communications
– Pagers
– Cellular telephone
– LAN
– 5 V Datacom bus
• Error amplifier in motor drives
• Transducer buffer amplifier
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
TEMPERATURE RANGE
DWG #
NE5232D
8-Pin Plastic Small Outline (SO) package
0
°C to +70 °C
SOT96-1
NE5232N
8-Pin Plastic Dual In-Line Package (DIP)
0
°C to +70 °C
SOT97-1
SA5232D
8-Pin Plastic Small Outline (SO) package
–40
°C to +85 °C
SOT96-1
SA5232N
8-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +85 °C
SOT97-1
AU5232N
8-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125 °C
SOT97-1
AU5232D
8-Pin Plastic Small Outline (SO) package
–40
°C to +125 °C
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com