Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS17 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS17
Description  Low-voltage stabistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS17 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS17 Datasheet HTML 1Page - NXP Semiconductors BAS17 Datasheet HTML 2Page - NXP Semiconductors BAS17 Datasheet HTML 3Page - NXP Semiconductors BAS17 Datasheet HTML 4Page - NXP Semiconductors BAS17 Datasheet HTML 5Page - NXP Semiconductors BAS17 Datasheet HTML 6Page - NXP Semiconductors BAS17 Datasheet HTML 7Page - NXP Semiconductors BAS17 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 31
3
Philips Semiconductors
Product specification
Low-voltage stabistor
BAS17
THERMAL CHARACTERISTICS
Note
1. Device mounted on a FR4 printed-circuit board.
GRAPHICAL DATA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
Tj =25 °C.
(1) Minimum values.
(2) Maximum values.
Fig.2
Forward current as a function of forward
voltage.
handbook, halfpage
1.0
0.5
102
10
1
(1)
(2)
10−1
MBG517
VF (V)
0.75
IF
(mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com