Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S560-6600-R1 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-R1
Description  VDSL Magnetics Broadcom
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-R1 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-R1 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-R1 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 08.01
TM01354
VDSL Magnetics
Broadcom
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating and storage temperature range: -40° to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
Designed to comply with the requirements of GR1089,
UL1950, EN60950, BABT and CSA950 to provide a
supplementary insulation barrier with a working voltage
of 250V
UL File Number E150991
Minimum interwinding breakdown voltage of 1500 Vrms
S560-6600-R1
page 1
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected
1. Inductance measured at 10 kHz, 0.01 Vac
2. Leakage inductance measured at 1 MHz, 0.02 Vac
3. Cw/w measured at 1 MHz, 0.02 Vac
2CT : 1
1CT : 1CT
1
2
4
5
12
13
7
8
9
10
11
15
16
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
n
i
m
H
µ
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
nx
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
w
/
w
C
3
x
a
m
F
p
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
X
T
X
R
1
R
-
0
0
6
6
-
0
6
5
S1
:
T
C
2T
C
1
:
T
C
10
6
10
6
10
0
10
0
35
.
05
.
00
20
2


Similar Part No. - S560-6600-R1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-00 BEL-S560-6600-00 Datasheet
30Kb / 2P
ADSL MAGNETICS For Analog Devices
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
HDSL Magnetics GlobeSpan MDSL/HDSL2
S560-6600-30 BEL-S560-6600-30 Datasheet
30Kb / 2P
ADSL MAGNETICS For Analog Devices
S560-6600-30 BEL-S560-6600-30 Datasheet
60Kb / 2P
ADSL Magnetics For Analog Devices AD20MSP910
S560-6600-35 BEL-S560-6600-35 Datasheet
30Kb / 2P
ADSL MAGNETICS For Analog Devices
More results

Similar Description - S560-6600-R1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-Y7 BEL-S560-6600-Y7 Datasheet
56Kb / 2P
VDSL Magnetics Broadcom
logo
Pulse A Technitrol Comp...
B4008 PULSE-B4008 Datasheet
68Kb / 1P
VDSL TRANSFORMERS For Use with Broadcom
logo
Bel Fuse Inc.
S560-6600-KH BEL-S560-6600-KH Datasheet
78Kb / 2P
VDSL MAGNETICS
S560-6600-KJ BEL-S560-6600-KJ Datasheet
78Kb / 2P
VDSL MAGNETICS
S560-6600-KK BEL-S560-6600-KK Datasheet
65Kb / 2P
VDSL MAGNETICS
S560-6600-KN BEL-S560-6600-KN Datasheet
77Kb / 2P
VDSL MAGNETICS
S560-6600-LK BEL-S560-6600-LK Datasheet
76Kb / 2P
DMT VDSL MAGNETICS
S560-6600-LT BEL-S560-6600-LT Datasheet
80Kb / 2P
VDSL CO MAGNETICS
S560-6600-MF BEL-S560-6600-MF Datasheet
78Kb / 2P
VDSL MAGNETICS
S560-6600-MJ BEL-S560-6600-MJ Datasheet
69Kb / 2P
VDSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com