Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G07 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC3G07
Description  TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G07 Datasheet(HTML) 7 Page - Diodes Incorporated

  74LVC3G07 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74LVC3G07
Document number: DS44930 Rev. 2 - 2
7 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G07
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SSOP-8
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SSOP-8
Mechanical Data
SSOP-8
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Mate Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.0169 grams (Approximate)
Ø 0.60mmx0.038DP
Surface Polished
L1
E1
c
1
D
A
A1
A2
E
e
0.750
0.750
C
Seating Plane
L
4x10°
4x10°
C
ccc C
D
A
B
aaa C
2x
D
bbb C
2x4 Tips
b(8x)
ddd
C A-B D
SEATING PLANE
H
See Detail C
Detail C
a
SSOP-8
Dim
Min
Max
Typ
A
--
1.30
--
A1
0.05
0.15
--
A2
0.95
1.20
1.05
b
0.15
0.30
0.225
c
0.08
0.23
--
D
2.75
3.15
2.95
E
3.75
4.25
4.00
E1
2.70
2.90
2.80
e
--
--
0.65
L
0.20
0.60
0.40
L1
0.525 0.675
0.60
a
0
8
4
aaa
0.20
bbb
0.25
ccc
0.10
ddd
0.13
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
2.350
Y
1.100
Y1
4.900
X
Y
C
X1
Y1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com