Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPT7066 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7066
Description  Token Ring Integrated Filter Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7066 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7066 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Token Ring Integrated Filter Module
Package
Schematic
Features
Complies with IEEE 802.5 Current Proposal for UTP Cable
Includes both Transmit and Receive channels in one module
QAF-CSO7 8/10/94
DST7066 Rev. A 11/30/95
Electrical Specifications @ 25°C
EPT7066
25 dB Min.
36 MHz
Insertion Loss
Transmit
0.6 dB Max.
1-16 MHz
7 dB Min.
32 MHz
1 dB Max.
24 MHz
15 dB Min.
1-17 MHz
10 dB Min.
24 MHz
Insertion Loss
Receive
1 dB Max.
1-16 MHz
Return Loss
Receive
PCA Part Number(s)
Isolation
500 Vrms (for 1 minute)
Crosstalk
18 dB Min.
1-6 MHz
Return Loss
Transmit
12 dB Min.
6-17 MHz
8 dB Min.
17-24 MHz
Common Mode
Rejection
5 dB Min.
32 MHz
0.5 dB Max.
1-8 MHz
15 TXO-
16 TXO+
17 RX1+
18 RX1-
TX1- 7
TX1+ 6
TXCT 5
RX0+ 1
RX0- 2
UTP
100
Ω
100
Ω
2 : 1
1 : 1
LPF
11
10
13
12
1.900 Max.
.100 Typ.
10 Plcs
.020
.650
Max.
.125/.150
White Dot
Pin 1
.035
Typ.
.250
Max.
PCA
Date Code
EPT7066
.300
.200 Typ.
2 Plcs
35 dB Min.
0.3-300 MHz
40 dB Min.
30-300 MHz
LPF
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343


Similar Part No. - EPT7066

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7061GM PCA-EPT7061GM Datasheet
85Kb / 2P
Miniature Token Ring Transceiver Module
EPT7061GM PCA-EPT7061GM_99 Datasheet
286Kb / 2P
Miniature Token Ring Transceiver Module
EPT7062 PCA-EPT7062 Datasheet
31Kb / 1P
Token Ring 20 Pin Transceiver Module
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
Token Ring Transceiver
EPT7063G PCA-EPT7063G Datasheet
49Kb / 1P
Token Ring Transceiver Module
More results

Similar Description - EPT7066

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-2793-03 BEL-S553-2793-03 Datasheet
305Kb / 2P
TOKEN RING/FIBER APPLICATION FILTER MODULE
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7064 PCA-EPT7064 Datasheet
21Kb / 1P
Token Ring Integrated Filter Module
EPT7068G PCA-EPT7068G Datasheet
44Kb / 2P
Token Ring Front End Filter Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
TOKEN RING FILTER
1/15/96
logo
Datatronic Distribution...
NT802-012 DATATRONICS-NT802-012 Datasheet
70Kb / 1P
Token Ring Filter Module
NT802-022 DATATRONICS-NT802-022 Datasheet
72Kb / 1P
Token Ring Filter Module
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7101G PCA-EPT7101G Datasheet
155Kb / 1P
Token Ring / Fiber Application Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com