Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS40W
Description  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40W Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS40W Datasheet HTML 1Page - NXP Semiconductors BAS40W Datasheet HTML 2Page - NXP Semiconductors BAS40W Datasheet HTML 3Page - NXP Semiconductors BAS40W Datasheet HTML 4Page - NXP Semiconductors BAS40W Datasheet HTML 5Page - NXP Semiconductors BAS40W Datasheet HTML 6Page - NXP Semiconductors BAS40W Datasheet HTML 7Page - NXP Semiconductors BAS40W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 26
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAS40W series
FEATURES
• Low forward voltage
• Guard ring protected
• Very small SMD package
• Low diode capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diodes
encapsulated in a SOT323 very small
plastic SMD package. Single diodes
and double diodes with different
pinning are available.
PINNING
PIN
BAS40
W
-04W
-05W
-06W
1a1
a1
a1
k1
2
n.c.
k2
a2
k2
3k1
k1,a2
k1,k2
a1,a2
Fig.1
Simplified outline
(SOT323) and pin
configuration.
handbook, 2 columns
3
12
MBC870
Top view
Fig.2
BAS40W single diode
configuration (symbol).
3
12
n.c.
MLC357
Fig.3
BAS40-04W diode
configuration (symbol).
3
12
MLC358
Fig.4
BAS40-05W diode
configuration (symbol).
3
12
MLC359
Fig.5
BAS40-06W diode
configuration (symbol).
3
12
MLC360
MARKING
TYPE NUMBER
MARKING
CODE
BAS40W
63
BAS40-04W
64
BAS40-05W
65
BAS40-06W
66



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com