Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAT03B4B Datasheet(PDF) 2 Page - CTS Corporation

Part # LAT03B4B
Description  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

LAT03B4B Datasheet(HTML) 2 Page - CTS Corporation

  LAT03B4B Datasheet HTML 1Page - CTS Corporation LAT03B4B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS IERC PART NO.
Unplated
Comm'l. Black
Anodize
Mil. Black
Anodize
Semiconductor
Accommodated
Hole patt. ref.
no.
Max. Weight
(Grams)
LA000B4U
LAT03B4U
LAIC3B4U
LA407B4U
LA394B4U
LA000B4CB
LAT03B4CB
LAIC3B4CB
LA407B4CB
LA394B4CB
LA000B4B
LAT03B4B
LAIC3B4B
LA407B4B
LA394B4B
Undrilled
TO-3
TO-3 IC
TO-3 (4-pin)
Universal
--
2
4
5
8
12.9
12.9
12.9
12.9
12.9
HOLE PATTERNS
2. Hole Pattern no. 236 accommodates TO-3s. Available in LA-
B series heat dissipators only.
4. Hole pattern no. 237 accommodates To-3 ICs. Available in
LA-B series heat dissipators only.
5. Hole pattern no. 407 accommodates TO-3s (4-pin). Available
in LA-B series heat dissipators only.
8. Hole pattern no. 394 (universal) accommodates TO-3s, TO-
66s, TO-126s, TO-127s, or T)-220s. Available in LA-B series
heat dissipators only.
CTS IERC, Heat Sinks and Thermal Management Solutions
413 North Moss Street, Burbank, California 91502
Tel: (818) 842-7277
Fax: (818) 848-8872
Rev. 08-29-03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com