Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT2000A Datasheet(PDF) 2 Page - CTS Corporation

Part # VCT2000A
Description  LVPECL Output-Dual Input Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCT2000A Datasheet(HTML) 2 Page - CTS Corporation

  VCT2000A Datasheet HTML 1Page - CTS Corporation VCT2000A Datasheet HTML 2Page - CTS Corporation VCT2000A Datasheet HTML 3Page - CTS Corporation VCT2000A Datasheet HTML 4Page - CTS Corporation VCT2000A Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Module Data Sheet: VCT2000A 155.520MHz
Application: LVPECL Output-Dual Input Clock Generator
Page 2 of 5
Rev. “7” 6/02/03
ALIGNER
8 KHz
REF A
SEL AB
ENABLE / TRISTATE
REF B
PHASE
FORCE FREE RUN
LOW PASS
DET
PHASE
f / N
FILTER
ANALOG
LOW
Q
VCXO
JITTER
OPTIONAL
REFERENCE
OUTPUT
Q
ALARM
FREE RUN STATUS
VCT2000A Block Diagram
2.0
ELECTRICAL CHARACTERISTICS
Specification
Min
Typ
Max
Units
2.1
Regulated Input Supply Voltage, Vcc
3.10
3.30
3.50
V DC
2.2
Supply Current Drain @ 3.5Vdc
110
mA
2.3
Frequency Output
155.520
MHz
2.4
Temperature Ranges
2.4.1
Operating Temp. Range
0
70
ºC
2.4.2
Storage Temp. Range
-40
85
ºC
2.5
Timing Parameters
2.5.1
Output Rise and Fall Time (20% 80%)
-
-
550
ps
2.5.2
Input Jitter Tolerance @ 8kHz Reference
(Input Jitter Frequencies > 10 Hz)
31.25
-
-
µs
2.5.3
Acquisition Time (Offsetting reference by 20ppm)
-
1
-
s
2.5.4
Jitter Filter Bandwidth
-
-
10
Hz
2.5.5
Capture/pull-in range
-25
-
25
ppm
2.5.6
Free Run Frequency
-20
-
20
ppm
2.5.7
Output Duty Cycle
45
50
55
%
2.5.8
Phase Transient due to Reference switching
150
nS
2.5.9
SONET Jitter BW 12 kHz - 20 MHz
1
ps
2.6
Input Logic Levels
2.6.1
‘ 0’
-0.5
0.8
V
2.6.2
‘1’
2.4
5.5
V
2.7
Output Logic Levels (into 50
Ω @Vcc-2.0V)
2.7.1
‘0’
Vcc-1.62
V
2.7.2
‘1’
Vcc-1.02
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com