Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT2001A Datasheet(PDF) 2 Page - CTS Corporation

Part # VCT2001A
Description  HCMOS Output-Dual Input Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCT2001A Datasheet(HTML) 2 Page - CTS Corporation

  VCT2001A Datasheet HTML 1Page - CTS Corporation VCT2001A Datasheet HTML 2Page - CTS Corporation VCT2001A Datasheet HTML 3Page - CTS Corporation VCT2001A Datasheet HTML 4Page - CTS Corporation VCT2001A Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
Module Data Sheet: VCT2001A 77.760 MHz
Application: HCMOS Output-Dual Input Clock Generator
Page 2
Rev. “4” 3/28/03
VCT2001A Block Diagram
2.0
ELECTRICAL CHARACTERISTICS
Specification
Min
Typ
Max
Units
2.1
Regulated Input Supply Voltage, Vcc
3.10
3.30
3.50
V DC
2.2
Supply Current Drain… @ 3.5V
55
mA
2.3
Frequency Output
77.760
MHz
2.4
Temperature Ranges
2.4.1
Operating Temp. Range
0
70
ºC
2.4.2
Storage Temp. Range
-40
85
ºC
2.5
Timing Parameters
2.5.1
Output Rise and Fall Time (20% 80%)
-
-
3
ns
2.5.2
Input Jitter Tolerance @ 8kHz Reference
(Input Jitter Frequencies > 10 Hz)
2
-
-
µs
2.5.3
Acquisition Time (Offsetting ref. 20ppm)
-
1
-
s
2.5.4
Jitter Filter Bandwidth
-
-
10
Hz
2.5.5
Capture/pull-in range
-25
-
25
ppm
2.5.6
Free Run Frequency
-20
-
20
ppm
2.5.7
Output Duty Cycle
45
50
55
%
2.5.8
Phase Transient due to Reference switching
(Rearrangement)
50
nS
2.6
Input Logic Levels
2.6.1
‘ 0’
-0.5
0.8
V
2.6.2
‘1’
2.4
5.5
V
2.7
Output Logic Levels (into 30pF load)
2.7.1
‘0’
-0.25
0.8
V
2.7.2
‘1’
4.0
Vcc*0.9
V
2.8
Dual Reference input (HCMOS levels)
8
kHz
2.9
Output load
10
pF
ENABLE / TRISTATE
SEL AB
REF B
REF A
FORCE FREE RUN
8 KHz
ALIGNER
PHASE
DET
ANALOG
FILTER
LOW PASS
f / N
LOW
JITTER
VCXO
FREE RUN STATUS
ALARM
8 KHz
OUTPUT
19.440 MHz
PHASE
OSCILLATOR
OUTPUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com