Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42C Datasheet(PDF) 2 Page - Silicon Supplies

Part # TIP42C
Description  NPN Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TIP42C Datasheet(HTML) 2 Page - Silicon Supplies

  TIP42C Datasheet HTML 1Page - Silicon Supplies TIP42C Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
07/07/17
NPN Transistor Bare Die, TIP42C
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
6
Collector Current – Peak (tP < 5ms)
ICM
10
A
Base Current
IB
3
A
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IE = 0
100
-
-
V
Collector-Emitter Sustaining Voltage
1
VCEO(SUS)
IB = 0, IC = 30mA
100
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC = 0
5
-
-
V
Collector Cut-off Current
ICEO
VCE = 60V, IB = 0
-
-
0.7
mA
Emitter Cut-off Current
IEBO
VEB = 5V, IC = 0
-
-
1
mA
Collector Cut-off Current
ICES
VCE = 100V, VEB = 0
-
-
0.4
mA
ON CHARACTERISTICS
IC = 0.3A, VCE = 4V
30
-
-
-
Forward-Current Transfer Ratio
1
hFE
IC = 3.0A, VCE = 4V
15
-
75
-
Collector-Emitter Saturation Voltage
1
VCE(sat)
IC = 6A, IB = 600mA
-
-
1.5
V
Base-Emitter Saturation Voltage
1
VBE(on)
IC = 6A, VCE = 4V
-
-
2
V
SMALL SIGNAL CHARACTERISTICS
2
Transition Frequency
3
fT
VCE = 10V, IC = 500mA, fTEST= 1MHz
3
-
-
MHz
Small Signal Current Gain
hfe
VCE = 10V, IC = 500mA, f = 1MHz
20
-
-
-
Electrical Characteristics T
A = 25°C unless otherwise stated
1. Pulsed duration = 300 ms, duty cycle ≥1.5%
2. Not production testing in die form, characterized by chip design and package verification
3. fT = | hfe | ◦ fTEST
Page 2 of 2
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
www.siliconsupplies.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com