Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS70W
Description  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS70W Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS70W Datasheet HTML 1Page - NXP Semiconductors BAS70W Datasheet HTML 2Page - NXP Semiconductors BAS70W Datasheet HTML 3Page - NXP Semiconductors BAS70W Datasheet HTML 4Page - NXP Semiconductors BAS70W Datasheet HTML 5Page - NXP Semiconductors BAS70W Datasheet HTML 6Page - NXP Semiconductors BAS70W Datasheet HTML 7Page - NXP Semiconductors BAS70W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Mar 26
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAS70W series
FEATURES
• Low forward voltage
• High breakdown voltage
• Guard ring protected
• Very small SMD package
• Low capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diodes. Single
diodes (BAS70W) and double diodes
with different pinning (BAS70-04W;
-05W; -06W) are available.
The diodes are encapsulated in a
SOT323 very small plastic SMD
package.
PINNING
PIN
BAS70
W
-04W
-05W
-06W
1a1
a1
a1
k1
2
n.c.
k2
a2
k2
3k1
k1, a2
k1, k2
a1, a2
Fig.1
Simplified outline
(SOT323) and pin
configuration.
handbook, 2 columns
3
12
MBC870
Top view
Fig.2
BAS70W single diode
configuration (symbol).
3
12
n.c.
MLC357
Fig.3
BAS70-04W diode
configuration (symbol).
3
12
MLC358
Fig.4
BAS70-05W diode
configuration (symbol).
3
12
MLC359
Fig.5
BAS70-06W diode
configuration (symbol).
3
12
MLC360
MARKING
Note
1.
∗ = -: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING
CODE(1)
BAS70W
73
∗
BAS70-04W
74
∗
BAS70-05W
75
∗
BAS70-06W
76
∗



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com