Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS82 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS82
Description  Schottky barrier diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS82 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS82 Datasheet HTML 1Page - NXP Semiconductors BAS82 Datasheet HTML 2Page - NXP Semiconductors BAS82 Datasheet HTML 3Page - NXP Semiconductors BAS82 Datasheet HTML 4Page - NXP Semiconductors BAS82 Datasheet HTML 5Page - NXP Semiconductors BAS82 Datasheet HTML 6Page - NXP Semiconductors BAS82 Datasheet HTML 7Page - NXP Semiconductors BAS82 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Jun 24
5
Philips Semiconductors
Product specification
Schottky barrier diodes
BAS81; BAS82; BAS83
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD80C
100H01
97-06-20
Hermetically sealed glass surface mounted package; 2 connectors
SOD80C
UNIT
D
mm
1.60
1.45
3.7
3.3
0.3
H
L
DIMENSIONS (mm are the original dimensions)
H
D
LL
(1)
0
1
2 mm
scale
ka



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com