Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS86
Description  Schottky barrier diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS86 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS86 Datasheet HTML 1Page - NXP Semiconductors BAS86 Datasheet HTML 2Page - NXP Semiconductors BAS86 Datasheet HTML 3Page - NXP Semiconductors BAS86 Datasheet HTML 4Page - NXP Semiconductors BAS86 Datasheet HTML 5Page - NXP Semiconductors BAS86 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1996 Oct 01
2
Philips Semiconductors
Product specification
Schottky barrier diode
BAS86
FEATURES
• Low forward voltage
• High breakdown voltage
• Guard ring protected
• Hermetically-sealed small SMD
package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode with an
integrated protection ring against
static discharges.
This surface mounted diode is
encapsulated in a hermetically sealed
SOD80C glass SMD package with
tin-plated metal discs at each end. It
is suitable for “automatic placement”
and as such it can withstand
immersion soldering.
Fig.1 Simplified outline (SOD80C), pin configuration and symbol.
handbook, halfpage
MAM190
ka
Cathode indicated by a grey band.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
50
V
IF
continuous forward current
200
mA
IF(AV)
average forward current
see Fig.2
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 sec.; δ≤ 0.5
500
mA
IFSM
non-repetitive peak forward current
tp =10ms
5
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Tamb
operating ambient temperature
−65
+125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com