Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS8W18A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ALS8W18A
Description  Surface Mount Load Dump Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ALS8W18A Datasheet(HTML) 2 Page - Diodes Incorporated

  ALS8W18A Datasheet HTML 1Page - Diodes Incorporated ALS8W18A Datasheet HTML 2Page - Diodes Incorporated ALS8W18A Datasheet HTML 3Page - Diodes Incorporated ALS8W18A Datasheet HTML 4Page - Diodes Incorporated ALS8W18A Datasheet HTML 5Page - Diodes Incorporated ALS8W18A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part Number
Breakdown
Voltage
VBR
(V)
Test
Current
IT
(mA)
Stand-OFF
Voltage
VWM
(V)
Maximum
Reverse
Leakage at VWM
ID (uA)
Maximum
Leakage
at VWM
TJ = 175
℃
ID (uA)
Max. Peak Pulse
Current at
10/1000 us
Waveform (A)
Maximum
Clamping
Voltage at IPPM
VC (V)
Min.
Max.
ALS8W10A
11.1
12.3
5.0
10.0
15
250
388
17.0
ALS8W11A
12.2
13.5
5.0
11.0
10
150
363
18.2
ALS8W12A
13.3
14.7
5.0
12.0
10
150
332
19.9
ALS8W13A
14.4
15.9
5.0
13.0
10
150
307
21.5
ALS8W14A
15.6
17.2
5.0
14.0
10
150
284
23.2
ALS8W15A
16.7
18.5
5.0
15.0
10
150
270
24.4
ALS8W16A
17.8
19.7
5.0
16.0
10
150
254
26.0
ALS8W17A
18.9
20.9
5.0
17.0
10
150
239
27.6
ALS8W18A
20.0
22.1
5.0
18.0
10
150
226
29.2
ALS8W20A
22.2
24.5
5.0
20.0
10
150
204
32.4
ALS8W22A
24.4
26.9
5.0
22.0
10
150
186
35.5
ALS8W24A
26.7
29.5
5.0
24.0
10
150
170
38.9
ALS8W26A
28.9
31.9
5.0
26.0
10
150
157
42.1
ALS8W28A
31.1
34.4
5.0
28.0
10
150
145
45.4
ALS8W30A
33.3
36.8
5.0
30.0
10
150
136
48.4
ALS8W33A
36.7
40.6
5.0
33.0
10
150
124
53.3
ALS8W36A
40.0
44.2
5.0
36.0
10
150
114
58.1
ALS8W40A
44.4
49.1
5.0
40.0
10
150
102
64.5
ALS8W43A
47.8
52.8
5.0
43.0
10
150
95.1
69.4
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Peak pulse power dissipation
10/1000 μs waveform
PPPM
6600
W
10/10 000 μs waveform
5200
Peak forward surge current 8.3 ms single half sine-wave
IFSM
700
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
Note:
4. For all types maximum VF = 1.8V at IF = 100A measured on 8.3ms single half sine-wave.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com