Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1522 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1522
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1522 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1522 Datasheet HTML 1Page - Diodes Incorporated AP1522 Datasheet HTML 2Page - Diodes Incorporated AP1522 Datasheet HTML 3Page - Diodes Incorporated AP1522 Datasheet HTML 4Page - Diodes Incorporated AP1522 Datasheet HTML 5Page - Diodes Incorporated AP1522 Datasheet HTML 6Page - Diodes Incorporated AP1522 Datasheet HTML 7Page - Diodes Incorporated AP1522 Datasheet HTML 8Page - Diodes Incorporated AP1522 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1522
STEP-UP DC/DC CONVERTER
AP1522 Rev. 4 - 4
4 of 10
December 2017
www.diodes.com
© Diodes Incorporated
PART OBSOLETE
NO ALTERNATE PART
Typical Application Circuit
Vin
SW
Vss
FB
SHDN
ON OFF
C1
4.7uF
C2
4.7uF
R2
10K
L1
10uH
D1
Vout = 10V
R1
70K
Vin = 3.3V
Option
VOUT = VFB (1+
)
R1
R2
1K < R2 < 50K
Step Up DC-DC Regulator
V
IN
SW
SHDN
GND
FB
AP1522
C
OUT
4.7uF
20K
L
22uH
D
V
IN
2.5V~3.3V
C
IN
4.7uF
57K
V
OUT
4.8V
4.7pF
1-Cell Li-lon to 3.3V SEPIC Converter
V
IN
SW
SHDN
GND
FB
AP1522
C2
10uF
20K
L1
10uH
D1
V
IN
2.5V to 4.2V
C1
4.7uF
33K
3.3V
50mA
1
5
4
2
3
4.7pF
L2
10uH
C3
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com