Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9350 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9350
Description  Low Voltage PLL Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9350 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9350 Datasheet HTML 1Page - Renesas Technology Corp MPC9350 Datasheet HTML 2Page - Renesas Technology Corp MPC9350 Datasheet HTML 3Page - Renesas Technology Corp MPC9350 Datasheet HTML 4Page - Renesas Technology Corp MPC9350 Datasheet HTML 5Page - Renesas Technology Corp MPC9350 Datasheet HTML 6Page - Renesas Technology Corp MPC9350 Datasheet HTML 7Page - Renesas Technology Corp MPC9350 Datasheet HTML 8Page - Renesas Technology Corp MPC9350 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
Low Voltage PLL Clock Driver
MPC9350
MPC9350 REVISION 7 March 11, 2016
1
©2012 Integrated Device Technology, Inc.
Low Voltage PLL Clock Driver
The MPC9350 is a 2.5 V and 3.3 V compatible, PLL-based clock generator
targeted for high performance clock distribution systems. With output
frequencies of up to 200 MHz and maximum output skews of 150 ps, the
MPC9350 is ideal for the most demanding clock tree designs. The device offers
9 low skew clock outputs, with each one configurable to support the clocking
needs of the various high-performance microprocessors, including the
PowerQUICC II integrated communication microprocessor. The extended
temperature range of the MPC9350 supports telecommunication and networking
requirements. The device employs a fully differential PLL design to minimize
cycle-to-cycle and long-term jitter.
Features
•
9 Output LVCMOS PLL Clock Generator
•
25 – 200 MHz Output Frequency Range
•
2.5 V and 3.3 V Compatible
•
Compatible to Various Microprocessors Such as PowerQuicc II
•
Supports Networking,Telecommunications and Computer Applications
•
Fully Integrated PLL
•
Configurable Outputs: Divide-by-2, 4 and 8 of VCO Frequency
•
Selectable Output to Input Frequency Ratio of 8:1, 4:1, 2:1 or 1:1
•
Oscillator or Crystal Reference Inputs
•
Internal PLL Feedback
•
Output Disable
•
PLL Enable/Disable
•
Low Skew Characteristics: Maximum 150 ps Output-to-Output
•
32-Lead LQFP Package, Pb-Free
•
Temperature Range –40
C to +85C
Functional Description
The MPC9350 generates high frequency clock signals and provides nine exact frequency-multiplied copies of the reference
clock signal. The internal PLL allows the MPC9350 to operate in frequency locked condition and to multiply the input reference
clock. The reference clock frequency and the divider in the internal feedback path determine the VCO frequency. Two selectable
PLL feedback frequency ratios are available on the MPC9350 to provide input frequency range flexibility. The FBSEL pin selects
between divide-by-16 or divide-by-32 of the VCO frequency for PLL feedback. This feedback divider must be selected to match
the VCO frequency range. With the available feedback output dividers, the internal VCO of the MPC9350 is running at either 16x
or 32x of the reference clock frequency. The frequency of the QA, QB, QC and QD outputs is either one half, one fourth or one
eighth of the selected VCO frequency and can be configured for each output bank using the FSELA, FSELB, FSELC and FSELD
pins, respectively. The available output to input frequency ratios are 16:1, 8:1, 4:1 and 2:1. The REF_SEL pin selects the crystal
oscillator input or the LVCMOS compatible reference input (TCLK). TCLK also provides an external test clock in static test mode
when the PLL enable pin (PLL_EN) is pulled to logic low state. In test mode, the selected input reference clock is routed directly
to the output dividers without using the PLL. The test mode is intended for system diagnostics, test and debug purposes. This
test mode is fully static and the minimum clock frequency specification does not apply. The outputs can be disabled by
deasserting the OE pin (logic high state). In PLL mode, deasserting OE maintains PLL lock due to the internal feedback path.
The MPC9350 is fully 2.5 V and 3.3 V compatible and requires no external loop filter components. The on-chip crystal oscillator
requires no external components beyond a series resonant crystal. All inputs except the crystal oscillator interface accept
LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
 transmission
lines. For series terminated transmission lines, each of the MPC9350 outputs can drive one or two traces giving the device an
effective fanout of 1:18. The device is packaged in a 7x7 mm2 32-lead LQFP package.
MPC9350
LOW VOLTAGE
3.3 V AND 2.5 V PLL
CLOCK GENERATOR
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350D MOTOROLA-MPC9350D Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
More results

Similar Description - MPC9350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com