Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV10
Description  High-speed diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV10 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV10 Datasheet HTML 1Page - NXP Semiconductors BAV10 Datasheet HTML 2Page - NXP Semiconductors BAV10 Datasheet HTML 3Page - NXP Semiconductors BAV10 Datasheet HTML 4Page - NXP Semiconductors BAV10 Datasheet HTML 5Page - NXP Semiconductors BAV10 Datasheet HTML 6Page - NXP Semiconductors BAV10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Sep 16
2
Philips Semiconductors
Product specification
High-speed diode
BAV10
FEATURES
• Hermetically sealed leaded glass
SOD27 (DO-35) package
• High switching speed: max. 6 ns
• General application
• Continuous reverse voltage:
max. 60 V
• Repetitive peak reverse voltage:
max. 60 V
• Repetitive peak forward current:
max. 600 mA.
APPLICATIONS
• High-speed switching.
DESCRIPTION
The BAV10 is a high-speed switching diode fabricated in planar technology,
and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35)
package.
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
handbook, halfpage
MAM246
k
a
The diode is type branded.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed circuit-board; lead length 10 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
60
V
VR
continuous reverse voltage
−
60
V
IF
continuous forward current
see Fig.2; note 1
−
300
mA
IFRM
repetitive peak forward current
−
600
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
−
9A
t = 100
µs
−
3A
t=1s
−
1A
Ptot
total power dissipation
Tamb =25 °C; note 1
−
350
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com