Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR34309 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APR34309
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309 Datasheet(HTML) 2 Page - Diodes Incorporated

  APR34309 Datasheet HTML 1Page - Diodes Incorporated APR34309 Datasheet HTML 2Page - Diodes Incorporated APR34309 Datasheet HTML 3Page - Diodes Incorporated APR34309 Datasheet HTML 4Page - Diodes Incorporated APR34309 Datasheet HTML 5Page - Diodes Incorporated APR34309 Datasheet HTML 6Page - Diodes Incorporated APR34309 Datasheet HTML 7Page - Diodes Incorporated APR34309 Datasheet HTML 8Page - Diodes Incorporated APR34309 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
APR34309/A
Document number: DS37412 Rev. 3 - 2
2 of 12
www.diodes.com
June 2015
© Diodes Incorporated
APR34309/A
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
DRISR
Synchronous rectification MOSFET drive.
2
VDET
Synchronous rectification sense input and dynamic function output, connected to DRAIN
through a resistor.
3
AREF
Program a voltage reference with a resistor from AREF to GND, to enable synchronous
rectification MOSFET drive signal.
4
VCC
Power supply, connected with system output.
5
DRAIN
Drain pin of internal MOSFET. The Drain voltage signal can obtain from this pin.
6, 7, 8
GND
Source pin of internal MOSFET, connected to Ground.
Exposed PAD
DRAIN
Drain pin of internal MOSFET. The secondary current should flow from GND (pin 6.7.8)
to this DRAIN pad.
Functional Block Diagram
VREF
Counter
tONPDET
Dynamic
OSC
Integrator
(VDET-VCC)*tONP
SRDRIVER
OVP
IOVP
IAREF
GND
VDET
VCC
AREF
DRISR
DRAIN
1
2
3
4
5, EP
6,7,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com