Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS78XX Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS78XX
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS78XX Datasheet(HTML) 4 Page - Diodes Incorporated

  AS78XX Datasheet HTML 1Page - Diodes Incorporated AS78XX Datasheet HTML 2Page - Diodes Incorporated AS78XX Datasheet HTML 3Page - Diodes Incorporated AS78XX Datasheet HTML 4Page - Diodes Incorporated AS78XX Datasheet HTML 5Page - Diodes Incorporated AS78XX Datasheet HTML 6Page - Diodes Incorporated AS78XX Datasheet HTML 7Page - Diodes Incorporated AS78XX Datasheet HTML 8Page - Diodes Incorporated AS78XX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
4
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Package
Temperature Range
Part Number
Marking ID
Packing Type
TO-220-3
-40 to 125oC
AS7805T-E1
AS7805T-E1
Tube
AS7808T-E1
AS7808T-E1
Tube
AS7809T-E1
AS7809T-E1
Tube
AS7812T-E1
AS7812T-E1
Tube
AS7815T-E1
AS7815T-E1
Tube
TO-252-2 (1)
-40 to 125oC
AS7805D-E1
AS7805D-E1
Tube
AS7805DTR-E1
AS7805D-E1
Tape & Reel
AS7808D-E1
AS7808D-E1
Tube
AS7808DTR-E1
AS7808D-E1
Tape & Reel
AS7809D-E1
AS7809D-E1
Tube
AS7809DTR-E1
AS7809D-E1
Tape & Reel
AS7812D-E1
AS7812D-E1
Tube
AS7812DTR-E1
AS7812D-E1
Tape & Reel
AS7815D-E1
AS7815D-E1
Tube
AS7815DTR-E1
AS7815D-E1
Tape & Reel
Ordering Information
Circuit Type
Package
AS78XX
T: TO-220-3
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
E1: Lead Free
Output Voltage
05: 5V
D: TO-252-2 (1)
TR: Tape and Reel
Blank: Tube
12: 12V
15: 15V
08: 8V
09: 9V
OBSOLETE - PART DISCONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com