Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZV321 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZV321
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV321 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZV321 Datasheet HTML 1Page - Diodes Incorporated AZV321 Datasheet HTML 2Page - Diodes Incorporated AZV321 Datasheet HTML 3Page - Diodes Incorporated AZV321 Datasheet HTML 4Page - Diodes Incorporated AZV321 Datasheet HTML 5Page - Diodes Incorporated AZV321 Datasheet HTML 6Page - Diodes Incorporated AZV321 Datasheet HTML 7Page - Diodes Incorporated AZV321 Datasheet HTML 8Page - Diodes Incorporated AZV321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AZV321
Document number: DS36528 Rev. 2 - 0
4 of 13
www.diodes.com
September 2013
© Diodes Incorporated
AZV321
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont.)
AZV321-5V Electrical Characteristics (All limits are guaranteed for T
A=25ºC, VCC=5V, VEE=0V, VCM=2.0V, VO=VCC/2 and
RL>1MΩ, limits in bold types are guaranteed for TA=-40ºC to 85ºC, unless otherwise specified. Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
1.7
7
mV
9
IB
Input Bias Current
11
250
nA
500
IIO
Input Offset Current
5
50
nA
150
VCM
Input Common Mode Voltage
Range
for CMRR≥50dB
-0.1
4.2
V
ICC
Supply Current
VO=VCC/2, AVCL=1, no load
130
250
µA
350
GV
Large Signal Voltage Gain
RL=2kΩ
84
100
dB
80
CMRR
Common Mode Rejection Ratio
0≤VCM≤4V
50
65
dB
PSRR
Power Supply Rejection Ratio
2.7V≤VCC≤5V, VO=1V, VCM=1V
50
60
dB
ISOURCE
Output Short Circuit Current
VO=0V
5
60
mA
ISINK
VO=5V
10
160
mA
VOH
Output Voltage Swing
RL=2kΩ to 2.5V
4.7
4.96
V
4.6
RL=10kΩ to 2.5V
4.9
4.99
4.8
VOL
RL=2kΩ to 2.5V
120
300
mV
400
RL=10kΩ to 2.5V
65
180
280
SR
Slew Rate
1
V/µS
GBWP
Gain Bandwidth Product
CL=200pF
1
MHz
M
Phase Margin
60
Deg
GM
Gain Margin
10
dB
Note 2: Limits over the full temperature are guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com