Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMPL Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # XMPL
Description  SMD Solid Conductive (multilayer-type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

XMPL Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  XMPL_V01 Datasheet HTML 1Page - Cornell Dubilier Electronics XMPL_V01 Datasheet HTML 2Page - Cornell Dubilier Electronics XMPL_V01 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
WVDC
Capacitance
(µF)
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
2
100
0.9947
16
20
2
7.3x4.3x1.9
2
150
0.6631
9
30
3
7.3x4.3x1.9
2
180
0.5526
9
36
2.7
7.3x4.3x1.9
2
220
107XMPL002MG19
157XMPL002MG19
187XMPL002MG19
227XMPL002MG19
0.4521
15
44
3
7.3x4.3x1.9
2
270
12
54
3
7.3x4.3x1.9
2
270
6
54
3
7.3x4.3x1.9
2
270
9
54
3
7.3x4.3x1.9
2
330
12
66
3
7.3x4.3x1.9
2
330
4.5
66
3
7.3x4.3x1.9
2
330
6
66
3
7.3x4.3x1.9
2
330
9
66
3
7.3x4.3x1.9
2
390
4.5
78
3
7.3x4.3x1.9
2
390
6
78
3
7.3x4.3x1.9
2
390
9
78
3
7.3x4.3x1.9
2
470
9
94
3
7.3x4.3x1.9
2
470
4.5
94
3
7.3x4.3x1.9
2
470
277XMPL002MG19H
0.3684
277XMPL002MG19R
0.3684
277XMPL002MG19X
0.3684
337XMPL002MG19H
0.3014
337XMPL002MG19A
0.3014
337XMPL002MG19R
0.3014
337XMPL002MG19X
0.3014
397XMPL002MG19A
0.2551
397XMPL002MG19R
0.2551
397XMPL002MG19X
0.2551
477XMPL002MG19X
0.2116
477XMPL002MG19A
0.2116
477XMPL002MG19R
0.2116
6
94
3
7.3x4.3x1.9
2.5
150
0.6631
9
37.5
3
7.3x4.3x1.9
2.5
180
157XMPL2R5MG19
187XMPL2R5MG19
0.5526
9
45
3
7.3x4.3x1.9
2.5
220
9
55
3
7.3x4.3x1.9
2.5
220
12
55
3
7.3x4.3x1.9
2.5
220
7
55
3
7.3x4.3x1.9
2.5
270
7
67.5
3
7.3x4.3x1.9
2.5
270
9
67.5
3
7.3x4.3x1.9
2.5
270
12
67.5
3
7.3x4.3x1.9
2.5
330
9
82.5
3
7.3x4.3x1.9
2.5
330
12
82.5
3
7.3x4.3x1.9
2.5
330
4.5
82.5
3
7.3x4.3x1.9
2.5
330
6
82.5
3
7.3x4.3x1.9
2.5
390
12
97.5
3
7.3x4.3x1.9
2.5
390
9
97.5
3
7.3x4.3x1.9
2.5
390
4.5
97.5
3
7.3x4.3x1.9
2.5
390
6
97.5
3
7.3x4.3x1.9
2.5
470
12
117.5
3
7.3x4.3x1.9
2.5
470
6
117.5
3
7.3x4.3x1.9
2.5
470
9
117.5
3
7.3x4.3x1.9
2.5
470
227XMPL2R5MG19X
0.4521
227XMPL2R5MG19H
0.4521
227XMPL2R5MG19R
0.4521
277XMPL2R5MG19R
0.3684
277XMPL2R5MG19X
0.3684
277XMPL2R5MG19H
0.3684
337XMPL2R5MG19X
0.3014
337XMPL2R5MG19H
0.3014
337XMPL2R5MG19A
0.3014
337XMPL2R5MG19R
0.3014
397XMPL2R5MG19H
0.2551
397XMPL2R5MG19X
0.2551
397XMPL2R5MG19A
0.2551
397XMPL2R5MG19R
0.2551
477XMPL2R5YG19H
0.2116
477XMPL2R5YG19R
0.2116
477XMPL2R5YG19X
0.2116
477XMPL2R5YG19A
0.2116
4.5
117.5
3
7.3x4.3x1.9
4
68
1.4628
20
27.2
1.9
7.3x4.3x1.9
4
82
1.2131
9
32.8
3
7.3x4.3x1.9
4
100
686XMPL004MG19
826XMPL004MG19
107XMPL004MG19
0.9947
9
40
3
7.3x4.3x1.9
4
150
7
60
3
7.3x4.3x1.9
4
150
157XMPL004MG19R
0.6631
157XMPL004MG19X
0.6631
9
60
3
7.3x4.3x1.9
4
150
157XMPL004MG19
0.6631
12
60
3
7.3x4.3x1.9
4
180
9
72
3
7.3x4.3x1.9
4
180
7
72
3
7.3x4.3x1.9
4
180
12
72
3
7.3x4.3x1.9
4
220
12
88
3
7.3x4.3x1.9
4
220
7
88
3
7.3x4.3x1.9
4
220
9
88
3
7.3x4.3x1.9
4
270
12
108
2.7
7.3x4.3x1.9
4
270
7
108
2.7
7.3x4.3x1.9
4
270
9
108
2.7
7.3x4.3x1.9
4
330
7
132
2.7
7.3x4.3x1.9
4
330
12
132
2.7
7.3x4.3x1.9
4
330
187XMPL004MG19X
0.5526
187XMPL004MG19R
0.5526
187XMPL004MG19H
0.5526
227XMPL004MG19H
0.4521
227XMPL004MG19R
0.4521
227XMPL004MG19X
0.4521
277XMPL004MG19H
0.3684
277XMPL004MG19R
0.3684
277XMPL004MG19X
0.3684
337XMPL004YG19R
0.3014
337XMPL004YG19H
0.3014
337XMPL004YG19X
0.3014
9
132
2.7
7.3x4.3x1.9
6.3
10
9.9472
40
6.3
1
7.3x4.3x1.9
6.3
22
4.5214
35
13.86
1
7.3x4.3x1.9
6.3
33
106XMPL6R3MG19
226XMPL6R3MG19
336XMPL6R3MG19
3.0143
25
20.79
1.8
7.3x4.3x1.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com