Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS101S Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS101S
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS101S Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS101S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS101S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS101_BAS101S
© Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 14 December 2009
3 of 11
Nexperia
BAS101; BAS101S
High-voltage switching diodes
5.
Limiting values
[1] Tj =25 °C prior to surge
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-300
V
series connection
-
600
V
VR
reverse voltage
-
300
V
series connection
-
600
V
IF
forward current
-
200
mA
series connection
-
100
mA
IFRM
repetitive peak forward
current
tp ≤ 1 ms;
δ≤
0.25
-1
A
IFSM
non-repetitive peak forward
current
square wave;
tp ≤ 1 μs
[1] -9
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -250
mW
Tj
junction temperature
-
150
°
C
Tamb
ambient temperature
65
+150
°
C
Tstg
storage temperature
65
+150
°
C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com