Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16TH Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS16TH
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16TH Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS16TH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16TH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
BAS16TH
High-speed switching diode
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
Tj = 25 °C
[1]
-
215
mA
tp = 1 µs; Tj(init) = 25 °C; square wave
-
4
A
tp = 1 ms; Tj(init) = 25 °C; square wave
-
1
A
IFSM
non-repetitive peak
forward current
tp = 1 s; Tj(init) = 25 °C; square wave
-
0.5
A
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ = 0.25
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
300
mW
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-side copper, tin-plated and standard footprint.
aaa-029053
Tamb (°C)
-75
225
125
25
200
100
300
400
Ptot
(mW)
0
FR4 PCB, standard footprint
Fig. 1. Power derating curve
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1]
-
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
in free air
[2]
-
-
330
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-side copper, tin-plated and standard footprint.
[2] Soldering point of cathode tab.
BAS16TH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
7 December 2018
3 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com