Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321-Q Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS321-Q
Description  General purpose diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS321-Q Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS321-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS321-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAS321-Q
General purpose diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 100 mA; Tj = 25 °C
-
-
1
V
VF
forward voltage
IF = 200 mA; Tj = 25 °C
-
-
1.25
V
VR = 200 V; Tj = 25 °C
-
-
100
nA
IR
reverse current
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tj = 25 °C
-
-
2
pF
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA; Tj = 25 °C
-
-
50
ns
mbk927
0
50
100
200
Tamb (°C)
IF
(mA)
300
0
100
200
150
Device mounted on an FR4 PCB
Fig. 1. Maximum permissible continuous forward
current as a function of ambient temperature
600
IF
(mA)
0
200
400
mbg384
0
2
1
VF (V)
(1)
(3)
(2)
(1) Tj = 150 °C; typical values
(2) Tj = 25 °C; typical values
(3) Tj = 25 °C; maximum values
Fig. 2. Forward current as a function of forward
voltage
mbg703
10
1
102
IFSM
(A)
10- 1
tp (µs)
1
104
103
10
102
Based on square wave currents
Tj = 25 °C prior to surge
Fig. 3. Maximum permissible non-repetitive peak
forward current as a function of pulse duration
mbg381
200
0
100
Tj (°C)
10
IR
(µA)
1
10- 2
102
10- 1
(1)
(2)
(1) VR = VRmax; maximum values
(2) VR = VRmax; typical values
Fig. 4. Reverse current as a function of junction
temperature
BAS321-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
2 June 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com