Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LS-Q Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAT54LS-Q
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54LS-Q Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAT54LS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT54LS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAT54LS-Q
Schottky barrier diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
240
mV
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
320
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
400
mV
IF = 30 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
500
mV
VF
forward voltage
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
800
mV
IR
reverse current
VR = 25 V; tp ≤ 300 µs; δ ≤ 2; pulsed;
Tamb = 25 °C
-
-
2
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tamb = 25 °C
-
-
10
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
5
ns
aaa-032147
VF (V)
0.0
1.2
0.8
0.4
1
10
102
103
IF
(mA)
10-1
(1)
(1)
(2)
(2)
(3)
(3)
Pulsed condition
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 3. Forward current as a function of forward
voltage; typical values
aaa-032148
VR (V)
0
30
20
10
1
10
102
103
IR
(µA)
10-1
(1)
(2)
(3)
Pulsed condition
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
Fig. 4. Reverse current as a function of reverse
voltage; typical values
BAT54LS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
4 May 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com