Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54XY Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT54XY
Description  Schottky barrier quadruple diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54XY Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT54XY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT54XY
Schottky barrier quadruple diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode 1
2
K2
cathode 2
3
A3 / K4 anode3 / cathode4
4
A4
anode4
5
K3
cathode3
6
K1 / A2 cathode1 / anode2
1
3
2
4
5
6
TSSOP6 (SOT363)
006aaa256
K3 A4
A1 K2
A3; K4
K1; A2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT54XY
TSSOP6
plastic, surface-mounted package; 6 leads; 0.65 mm pitch; 2.1
mm x 1.25 mm x 0.95 mm body
SOT363
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAT54XY
%C5
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak
forward current
tp < 10 ms; Tj(init) = 25 °C
-
600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
220
mW
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-55
125
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
BAT54XY
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
12 February 2019
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com