Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT74 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT74
Description  Schottky barrier double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAT74
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 19 April 2010
3 of 10
Nexperia
BAT74
Schottky barrier double diode
6.
Thermal characteristics
[1]
Refer to SOT143B standard mounting conditions.
7.
Characteristics
[1]
Temperature coefficient of forward voltage
−0.6 %/K.
[2]
Pulse test: tp = 300 μs; δ =0.02.
[3]
When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 0.1 mA
-
-
240
mV
IF =1mA
[1] -
-
320
mV
IF = 10 mA
-
-
400
mV
IF = 30 mA
-
-
500
mV
IF = 100 mA
-
-
800
mV
IR
reverse current
VR =25V
[2] --2
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
--10
pF
trr
reverse recovery
time
[3] --5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com