Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT74S Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT74S
Description  Dual Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74S Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT74S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BAT74S
Dual Schottky barrier diode
BAT74S
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved
Product data sheet
22 November 2012
2 / 10
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
n.c.
not connected
3
K2
cathode (diode 2)
4
A2
anode (diode 2)
5
n.c.
not connected
6
K1
cathode (diode 1)
1
3
2
4
5
6
TSSOP6 (SOT363)
aaa-005709
K2
A2
A1
K1
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BAT74S
TSSOP6
plastic surface-mounted package; 6 leads
SOT363
4. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
BAT74S
74%
[1] % = placeholder for manufacturing site code
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward current tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak forward
current
tp < 10 ms; Tj(init) = 25 °C
-
600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
-
240
mW
Tj
junction temperature
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com