Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW156 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAW156
Description  Low-leakage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW156 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAW156 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
BAW156
Low-leakage double diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAW156
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm pitch; 2.9
mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAW156
JZ%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
75
V
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
85
V
Tamb = 25 °C; single diode loaded
[1]
-
160
mA
IF
forward current
Tamb = 25 °C; double diode loaded
[1]
-
140
mA
IFRM
repetitive peak forward
current
Tj = 25 °C
-
500
mA
tp = 1 µs; square wave; Tj(init) = 25 °C
-
4
A
tp = 1 ms; square wave; Tj(init) = 25 °C
-
1
A
IFSM
non-repetitive peak
forward current
tp = 1 s; square wave; Tj(init) = 25 °C
-
0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
BAW156
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
2 October 2020
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com