Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV20
Description  General purpose diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV20 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV20 Datasheet HTML 1Page - NXP Semiconductors BAV20 Datasheet HTML 2Page - NXP Semiconductors BAV20 Datasheet HTML 3Page - NXP Semiconductors BAV20 Datasheet HTML 4Page - NXP Semiconductors BAV20 Datasheet HTML 5Page - NXP Semiconductors BAV20 Datasheet HTML 6Page - NXP Semiconductors BAV20 Datasheet HTML 7Page - NXP Semiconductors BAV20 Datasheet HTML 8Page - NXP Semiconductors BAV20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 May 25
2
Philips Semiconductors
Product specification
General purpose diodes
BAV20; BAV21
FEATURES
• Hermetically sealed leaded glass
SOD27 (DO-35) package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 150 V, 200 V
• Repetitive peak reverse voltage:
max. 200 V, 250 V
• Repetitive peak forward current:
max. 625 mA.
APPLICATIONS
• General purposes in industrial
equipment e.g. oscilloscopes,
digital voltmeters and video output
stages in colour television.
DESCRIPTION
The BAV20 and BAV21 are switching diodes fabricated in planar technology,
and encapsulated in hermetically sealed leaded glass SOD27 (DO-35)
packages.
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
The diodes are type branded.
handbook, halfpage
MAM246
k
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com