Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1V2012-900-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # ACE1V2012-900-R
Description  Automotive grade common-mode chip inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ACE1V2012-900-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  ACE1V2012-900-R Datasheet HTML 1Page - Eaton All Rights Reserved. ACE1V2012-900-R Datasheet HTML 2Page - Eaton All Rights Reserved. ACE1V2012-900-R Datasheet HTML 3Page - Eaton All Rights Reserved. ACE1V2012-900-R Datasheet HTML 4Page - Eaton All Rights Reserved. ACE1V2012-900-R Datasheet HTML 5Page - Eaton All Rights Reserved. ACE1V2012-900-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 10984
Effective October 2020
ACE1V2012
Automotive grade common-mode chip inductor
www.eaton.com/electronics
Packaging information (mm)
Supplied in tape and reel packaging, 2000 parts per 7” diameter reel
Ao
1.50±0.10
Bo
2.35±0.10
Ko
1.45±0.10
W
8.00±0.20
E
1.75±0.10
F
3.50±0.05
Po
4.0±0.05
P1
4.0±0.10
Do
1.0±0.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com