Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC375U/J/T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 10Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 11Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 12Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Characterization Measurement Conditions
MC44BC375/U/J/T Technical Data
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), second and
third harmonic of channel frequency, resulting in the following spectrum.
Out of Band Spurious
No Video signal
No Audio signal
Measure in dBuV spurious levels at 0.25, 0.5, 0.75 and 1.5 times channel
frequency, resulting in the following spectrum
Measure from 40Mhz to 1Ghz
.
In Band Spurious / 4Mhz Crystal Spurious
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), spurious
levels falling into video bandwidth Fo+/-5Mhz (15.125Khz & 31.25Khz
from reference dividers and 4Mhz from crystal).
Video Bandwidth
No audio
Video: 600mVpk-pk sinusoidal signal
inserted on the black level of active video
area.
The Video signal is demodulated on the spectrum analyzer, and the peak
level of the 100Khz signal is measured as a reference. The frequency is
then swept from 100Khz to 5Mhz, and then the difference in dBc from the
100Khz reference level is measured.
Weighted Video Signal to Noise
Video: 100% White video signal - 1Vpk-
pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap and envelope detection, and
a Rohde & Schwarz UAF Video
Analyzer.
The Video Analyzer measures the ratio between the amplitude of the
active area of the video signal (700mV) and the noise level in Vrms on a
video black level which is show below.
VideoS/N is calculated as 20 x log(700 /N) in dB
Unweighted Video Signal to Noise
Same as above with CCIR filter disabled. Same as above.
Video Differential Phase
Device and Signals Set-up
Measurement Set-up
Picture carrier
3rd harmonic
3Fo
Fo
2Fo
2nd harmonic
Picture carrier
Fo*3/2
Fo/2
Fo/4
Fo*3/4
Fo
Spurious
N
noise level in Vrms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com