Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4032PD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PBSS4032PD
Description  30 V, 2.7 A PNP low VCEsat (BISS) transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4032PD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PBSS4032PD Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS4032PD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PBSS4032PD_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
3 of 14
NXP Semiconductors
PBSS4032PD
30 V, 2.7 A PNP low VCEsat (BISS) transistor
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
480
mW
[2] -
750
mW
[3] -1
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 6 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb (°C)
−75
175
125
25
75
−25
006aab931
400
800
1200
Ptot
(mW)
0
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com