Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B220AF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B220AF
Description  2.0A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B220AF Datasheet(HTML) 4 Page - Diodes Incorporated

  B220AF Datasheet HTML 1Page - Diodes Incorporated B220AF Datasheet HTML 2Page - Diodes Incorporated B220AF Datasheet HTML 3Page - Diodes Incorporated B220AF Datasheet HTML 4Page - Diodes Incorporated B220AF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B220AF-B245AF
Document number: DS39507 Rev. 2 - 2
4 of 5
www.diodes.com
May 2017
© Diodes Incorporated
B220AF-B245AF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMAF
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMAF
SMAF
Dim
Min
Max
A
0.90
1.10
b
1.25
1.65
c
0.10
0.40
D
2.25
2.95
E
3.95
4.60
HE
4.80
5.60
L
0.50
1.50
All Dimensions in mm
Dimensions Value (in mm)
C
4.00
G
1.50
X
2.50
X1
6.50
Y
1.70
H
D
E
L
b
A
c
E
C
X1
Y
G
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com